Part Number Hot Search : 
2DR2G 1N5804E3 72063 DEJF3E SMWXXXX L2MXE3 00DT1 20005
Product Description
Full Text Search
 

To Download BAT54AW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT54WSeries
BAT54W / BAT54AW / BAT54CW / BAT54SW
Elektronische Bauelemente
Surface Mount Schottky Barrier Diode
RoHS Compliant Product
A suffix of "-C" specifies halogen & lead-free
SOT-323
FEATURES
A L
Dim A B
BS
Min 1.800
1.150
Max 2.200 1.350 1.000 0.400 1.400 0.100 0.250 0.500 0.720 2.400 0.420
* * *
Low Turn-on Voltage Fast Switching PN Junction Guard Ring for Transient and ESD Protection V Top View
C D G H
0.800 0.300 1.200 0.000 0.100 0.350 0.590 2.000 0.280
G C
MECHANICAL DATA
* * * * *
J
K J
Case: SOT-323, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagrams Below Weight: 0.006 grams (approx.) Mounting Position: Any
1 2
D
H
K L S V
3
All Dimension in mm
3
3
3
3
1
2
1
2
1
2
1
2
BAT54W Marking:KL5, L4
BAT54AW Marking:KL6, L42
BAT54CW Marking: KL7, L43
BAT54SW Marking: KL8, L44
MAXIMUM RATINGS (TJ = 125C unless otherwise noted)
Rating Reverse Voltage Forward Power Dissipation @ TA = 25C Derate above 25C Forward Current (DC) Junction Temperature Storage Temperature Range Symbol VR PF 225 1.8 IF TJ Tstg 200 Max 125 Max - 55 to +150 mW mW/C mA C C Value 30 Unit Volts
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (EACH DIODE)
Characteristic Reverse Breakdown Voltage (IR = 10 A) Total Capacitance (VR = 1.0 V, f = 1.0 MHz) Reverse Leakage (VR = 25 V) Forward Voltage (IF = 0.1 mAdc) Forward Voltage (IF = 30 mAdc) Forward Voltage (IF = 100 mAdc) Reverse Recovery Time (IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1 Forward Voltage (IF = 1.0 mAdc) Forward Voltage (IF = 10 mAdc) Forward Current (DC) Repetitive Peak Forward Current Non-Repetitive Peak Forward Current (t < 1.0 s) Symbol V(BR)R CT IR VF VF VF trr VF VF IF IFRM IFSM Min 30 -- -- -- -- -- -- -- -- -- -- -- Typ -- 7.6 0.5 0.22 0.41 0.52 -- 0.29 0.35 -- -- -- Max -- 10 2.0 0.24 0.5 1.0 5.0 0.32 0.40 200 300 600 Unit Volts pF Adc Vdc Vdc Vdc ns Vdc Vdc mAdc mAdc mAdc
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 2
BAT54W Series
BAT54W / BAT54AW / BAT54CW / BAT54SW
Elektronische Bauelemente
Surface Mount Schottky Barrier Diode
820 +10 V 2k 100 H 0.1 F DUT 50 utput Pulse Generator 50 Input Sampling Oscilloscope 90% VR Input Signal IR IR(REC) = 1 mA Output Pulse (IF = IR = 10 mA; measured at IR(REC) = 1 mA) IF 0.1 F tr 10% tp t IF trr t
Notes: 1. A 2.0 k variable resistor adjusted for a Forward Current (IF) of 10 mA. Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA. Notes: 3. tp trr
Figure 1. Recovery Time Equivalent Test Circuit
100 1000 TA = 150C 100 10 1 50C IR , Reverse Current (A) IF, Forward Current (mA) TA = 125C 10 1.0 TA = 85C 0.1 0.01 TA = 25C 0.001 0.1 0.2 0.3 0.4 0.5 0.6 0 5 V F, Forward Voltage (V) 10 15 20 VR, Reverse Voltage (V) 25 30
1 25C 1.0 85C 25C - 40C - 55C
0.1 0.0
Figure 2. Forward Voltage
Figure 3. Leakage Current
14 12 C T , Total Capacitance (pF) 10 8 6 4 2 0 0 5 10 15 20 25 30
VR, Reverse Voltage (V)
Figure 4. Total Capacitance
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of BAT54AW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X